pins m a h i n e d c p r e c i s i o n pin receptacles for .025? - .037? diameter pins and .025? square pins www.mill-max.com 516-922-6000 146 specifications shell material: brass alloy 360, 1/2 hard contact material: beryllium copper alloy 172, ht dimension in inches tolerances on: lengths: .005 diameters: .002 angles: 2 order code: xxxx - x - 15 - xx - 47 - xx -xx - 0 basic part # specify contact finish: specify shell finish: 01 200 " tin/lead over nickel 01 200 " tin/lead over nickel 14 10 " gold over nickel 15 10 " gold over nickel 27 30 " gold over nickel contact #47 contact (data on page 211) 0305-x-15-xx-47-xx-10-0 solder mount in .059/.061 mounting hole 0305 x300-x-15-xx-47-xx-10-0 solder mount in .042 min. mounting hole 0300/8300 0399-x-15-xx-47-xx-04-0 press-fit in .061 mounting hole 0399 0279-0-15-xx-47-xx-10-0 hex press-fit in .062 plated thru hole 0279 0301-1-15-xx-47-xx-10-0 solder mount in .042 min. mounting hole 0301 1304-0-15-xx-47-xx-04-0 press-fit in .061 mounting hole 1304 0330-0-15-xx-47-xx-10-0 hex press-fit in .079 plated thru hole 0330 0309-2-15-xx-47-xx-10-0 solder mount in .042 min. mounting hole 0309 basic part number length l dia. d 0305-0 0305-1 0305-2 .095 .105 .155 .056 .058 .058 basic part number length a 0300-1 0300-2 8300-0 .110 .187 .140 basic part number length a 0399-0 0399-1 .230 .180
|